Part Number Hot Search : 
AP1501 TA3S15E NTE7067 NTE7067 254851 ER107 TC322 TES75
Product Description
Full Text Search
 

To Download SPGP0380A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s p january 2011 p gp0380a- pr e SPGP0380A ver : preliminary_2 ( semihow power switch ) e liminary ? variable frequency operation ? low start-up current(typ.100ua ) ? pulse by pulse current limiting ? over current protection ? over voltage protection (min. 20) ? features application ? smps for stb, svr, dvd & dvcd ? smps for printer, facsimile & scanner ? adaptor ? ? under voltage lockout ? internal high voltage sense fet ? auto-restart mode ? frequency modulation for low emi ? advanced burst-mode operation the semihow power switch product family is specially desi gned for an off-line smps with minimal external components. the semihow power switch consists of a high voltage power sensefet and a current mode pwm ic. it has a basic platform well suited for the cost effective design in either a flyback converter description internal block diagram semihow rev.plimilary january 2011
s p absolute maximum ratings p gp0380a- pr e symbol parameter value units v dss drain-source voltage 800 v i d drain current ? continuous (t c = 25 ) 3.0 a drain current ? continuous ( t c = 100 ) 2.1 a ta=25 ? c, unless otherwise specified e liminary ( c ) a v gs gate-source voltage 30 v e as single pulsed avalanche energy (note 2) 245 mj v cc(max) maximum supply voltage 20 v v fb analog input voltage range -0.3 to v sd v p power dissipation (t c = 25 ) 100 w p d - derate above 25 0.8 w/ t j operating junction temperature +160 t a operating ambient temperature -25 to +85 t stg storage temperature range -55 to +150 notes : 1 repetitive rating : pulse width limited by maximum junction temperature 1 . repetitive rating : pulse width limited by maximum junction temperature 2. l=51mh, i as =3.0a, v dd =50v, r g =25 ? , starting t j =25 ? c semihow rev.plimilary january 2011
s p electrical characteristics ( sensefet part ) p gp0380a- pr e symbol parameter test conditions min typ max units r ds(on) static drain-source on-resistance v gs = 10 v, i d = 1.5 a -- 4.0 5.0 ? on characteristics ta=25 ? c, unless otherwise specified e liminary bv dss drain-source breakdown voltage v gs = 0 v, i d = 50 ? 800 -- -- v i dss zero gate voltage drain current v ds = 800 v, v gs = 0 v -- -- 250 ? v ds = 640 v, t c = 125 -- -- 1000 ? off characteristics c iss input capacitance -- 650 850 ? dynamic characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz 650 850 ? ? c rss reverse transfer capacitance -- 12 15.5 ? t d(on) turn-on time v ds = 400 v, i d = 3.0 a, r g = 25 ? -- 20 -- ? t r turn-on rise time -- 20 -- ? t d( ff) turn - off delay time -- 80 -- ? switching characteristics (note 4,5) t d( o ff) turn off delay time 80 ? ? q g total gate charge v ds = 400v, i d = 3.0 a, v gs = 10 v (note 4,5) -- 16 21 nc q gs gate-source charge -- 3.5 -- nc q gd gate-drain charge -- 6.5 -- nc notes : 1. pulse test : pulse width 300 s, duty cycle 2% 2. r s 1 ? semihow rev.plimilary january 2011
s p electrical characteristics ( control part ) p gp0380a- pr e symbol parameter test conditions min typ max units v start start threshold voltage v fb = gnd 14 15 16 v v st th h ld v lt v gnd 84 9 96 9 uvlo section ta=25 ? c, unless otherwise specified e liminary v stop st op th res h o ld v o lt age v fb = gnd 8 . 4 9 9 . 6 v khz -- frequency change with temperature (note 2) -25 c ? ta ? +85 c-- ? 5 ? 10 % d max maximum duty cycle 73 77 82 % oscillator section i fb feedback source current ta=25 c, 0v6.5v 5.4 6 6.6 v i delay shutdown delay current ta=25 c, 5v ? vfb ? v sd 456 ma feedback section reference section v ref reference output voltage (note 1) ta=25 c 4.8 5 5.2 v vref/ ? t temperature stability (note 1 , 2) -25 c ? ta ? +85 c--0.30.6mv/ c i over peak current limit max. inductor current 1.62 2.0 2.38 a protection section v ovp over voltage protection v cc ?? 20v 20 -- 23 v thermal shutdown temperature t sd thermal shutdown temperature (tj) (note 1) -- 140 160 -- c protection section i start start-up current v cc = 14v -- 100 170 ?? i op operating supply current (control part only) v cc ?? 20v -- 3 6 ma notes : 1. these parameters, although guaranteed, are not 100% tested in production 2. these parameters, although guaranteed, are tested in eds(water test) process semihow rev.plimilary january 2011
s p (SPGP0380A) typical characteristics ( sensefet part ) p gp0380a- pr e 10 1 v gs top : 15.0 v 10.0 v 8.0 v 7.0 v 6.0 v 5.5 v 5.0 v bottom : 4.5 v current [a] 1 10 n current [a] 150 o c e liminary figure 1. on region characteristics figure 2. transfer characteristics 10 0 * notes : 1. 300us pulse test 2. t c = 25 o c i d , drain v ds , drain-source voltage [v] 246810 0.1 -25 o c 25 o c * notes : 1. v ds = 30v 2. 300us pulse test v gs , gate-source voltage [v] i d , drai 3 4 5 6 7 v gs = 10v d s(on) [ ? ], c e on-resistance 1 10 s e drain current [a] figure 3. on resistance variation vs drain current and gate voltage figure 4. body diode forward voltage v ariation with source current 0123456 0 1 2 3 v gs = 20v ? note : t j = 25 o c r d drain-sour c i d , drain current [a] 0.4 0.6 0.8 1.0 0.1 25 o c * notes : 1. v gs = 0v 2. 300us pulse test v sd , source-drain voltage [v] i dr , rever s 150 o c drain current and gate voltage and temperature 6 8 10 12 v ds = 400v v ds = 160v v ds = 640v s ource voltage [v] 600 800 1000 1200 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd c c iss t ances [pf] figure 5. capacitance characteristics fi gure 6. gate charge characteristics 0 4 8 12 16 20 0 2 4 * note : i d = 3.0a v gs , gate- s q g , total gate charge [nc] 10 -1 10 0 10 1 0 200 400 * note ; 1. v gs = 0 v 2. f = 1 mhz c rss c oss capaci t v ds , drain-source voltage [v] semihow rev.plimilary january 2011
s p (SPGP0380A) typical characteristics ( sensefet part ) (continued) p gp0380a- pr e 1.0 1.1 1.2 (normalized) breakdown voltage 1.5 2.0 2.5 (normalized) c e on-resistance e liminary -100 -50 0 50 100 150 200 0.8 0.9 ?? note : 1. v gs = 0 v 2. i d = 250 ? a bv dss , drain-source t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0.0 0.5 1.0 ? note : 1. v gs = 10 v 2. i d = 1.5 a r ds(on) , drain-sour c t j , junction temperature [ o c] figure 7. breakdown voltage variation vs temperature figure 8. on-resistance variation vs temperature 1.5 2.0 2.5 3.0 n current [a] vs temperature vs temperature 10 0 10 1 100 ms dc 10 ms 1 ms operation in this area is limited by r ds(on) current [a] 25 50 75 100 125 150 0.0 0.5 1.0 i d , drai n t c , case temperature [ o c] figure 9. maximum safe operating area figure 10. maximum drain current vs case tem p erature 10 0 10 1 10 2 10 3 10 -2 10 -1 * notes : 1. t c = 25 o c 2. t j = 150 o c 3. single pulse i d , drain v ds , drain-source voltage [v] p 10 -1 10 0 * n otes : 1 . z ? jc (t) = 1.25 o c/w max. 2 . d uty f a cto r, d = t 1 /t 2 3 . t jm - t c = p dm * z ? jc (t) d=0.5 0.2 0.05 0.1 r mal response figure 11. transient thermal response curve 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 single pulse 0.02 0.01 z ? jc (t), the r t 1 , s quare w ave p ulse d uration [sec] t 2 t 1 p dm semihow rev.plimilary january 2011
s p typical performance characteristics ( control part ) (continued) (these characteristic graphs are normalized at ta=25 ? c) p gp0380a- pr e 0.90 0.95 1.00 1.05 1.10 1.15 1.20 fosc 0.90 0.95 1.00 1.05 1.10 1.15 1.20 ifb e liminary figure 1. operating frequency figure 2. feedback source current -25 0 25 50 75 100 125 150 0.80 0.85 -25 0 25 50 75 100 125 150 0.80 0.85 1.15 1.20 1.8 2.0 -25 0 25 50 75 100 125 150 0.80 0.85 0.90 0.95 1.00 1.05 1.10 iop figure 3 operating supply current figure 4 start up current -25 0 25 50 75 100 125 150 0.4 0.6 0.8 1.0 1.2 1.4 1.6 istart 0.95 1.00 1.05 1.10 1.15 1.20 vstart 0.95 1.00 1.05 1.10 1.15 1.20 vstop figure 3 . operating supply current figure 4 . start up current -25 0 25 50 75 100 125 150 0.80 0.85 0.90 -25 0 25 50 75 100 125 150 0.80 0.85 0.90 1.20 figure 5. start threshold voltage figure 6. stop threshold voltage -25 0 25 50 75 100 125 150 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 vovp semihow rev.plimilary january 2011 figure 7. over voltage protection
s p package dimension p gp0380a- pr e e liminary semihow rev.plimilary january 2011


▲Up To Search▲   

 
Price & Availability of SPGP0380A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X